Part Number Hot Search : 
SMCJ36A 2X245 5KP14A KBPC100 1N4750A DRA03TE D15XB20 TX715
Product Description
Full Text Search
 

To Download BDX33C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BDX33, BDX33A, BDX33B, BDX33C, BDX33D NPN SILICON POWER DARLINGTONS
Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D 70 W at 25C Case Temperature 10 A Continuous Collector Current Minimum hFE of 750 at 3V, 3 A
B C E
TO-220 PACKAGE (TOP VIEW)

1 2 3
Pin 2 is in electrical contact with the mounting base.
MDTRACA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING BDX33 BDX33A Collector-base voltage (IE = 0) BDX33B BDX33C BDX33D BDX33 BDX33A Collector-emitter voltage (IB = 0) BDX33B BDX33C BDX33D Emitter-base voltage Continuous collector current Continuous base current Continuous device dissipation at (or below) 25C case temperature (see Note 1) Continuous device dissipation at (or below) 25C free air temperature (see Note 2) Operating free air temperature range Storage temperature range Operating free-air temperature range NOTES: 1. Derate linearly to 150C case temperature at the rate of 0.56 W/C. 2. Derate linearly to 150C free air temperature at the rate of 16 mW/C. VEBO IC IB Ptot Ptot TJ Tstg TA VCEO V CBO SYMBOL VALUE 45 60 80 100 120 45 60 80 100 120 5 10 0.3 70 2 -65 to +150 -65 to +150 -65 to +150 V A A W W C C C V V UNIT
AUGUST 1993 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
1
BDX33, BDX33A, BDX33B, BDX33C, BDX33D NPN SILICON POWER DARLINGTONS
electrical characteristics at 25C case temperature (unless otherwise noted)
PARAMETER TEST CONDITIONS BDX33 V(BR)CEO Collector-emitter breakdown voltage BDX33A IC = 100 mA IB = 0 (see Note 3) BDX33B BDX33C BDX33D VCE = 30 V VCE = 30 V VCE = 40 V VCE = 50 V ICEO Collector-emitter cut-off current VCE = 60 V VCE = 30 V VCE = 30 V VCE = 40 V VCE = 50 V VCE = 60 V VCB = 45 V VCB = 60 V VCB = 80 V VCB = 100 V ICBO Collector cut-off current VCB = 120 V VCB = 45 V VCB = 60 V VCB = 80 V VCB = 100 V VCB = 120 V IEBO Emitter cut-off current VEB = VCE = hFE Forward current transfer ratio VCE = VCE = VCE = VCE = VCE = VBE(on) Base-emitter voltage VCE = VCE = VCE = VCE = IB = VCE(sat) Collector-emitter saturation voltage IB = IB = IB = IB = VEC Parallel diode forward voltage IE = 5V 3V 3V 3V 3V 3V 3V 3V 3V 3V 3V 8 mA 8 mA 6 mA 6 mA 6 mA 8A IB = 0 IB = 0 IB = 0 IB = 0 IB = 0 IB = 0 IB = 0 IB = 0 IB = 0 IB = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IC = 0 IC = 4 A IC = 4 A IC = 3 A IC = 3 A IC = 3 A IC = 4 A IC = 4 A IC = 3 A IC = 3 A IC = 3 A IC = 4 A IC = 4 A IC = 3 A IC = 3 A IC = 3 A IB = 0 (see Notes 3 and 4) (see Notes 3 and 4) (see Notes 3 and 4) BDX33 BDX33A BDX33B BDX33C BDX33D BDX33 BDX33A BDX33B BDX33C BDX33D BDX33 BDX33A BDX33B BDX33C BDX33D 750 750 750 750 750 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 4 V V V TC = 100C TC = 100C TC = 100C TC = 100C TC = 100C TC = 100C TC = 100C TC = 100C TC = 100C TC = 100C BDX33 BDX33A BDX33B BDX33C BDX33D BDX33 BDX33A BDX33B BDX33C BDX33D BDX33 BDX33A BDX33B BDX33C BDX33D BDX33 BDX33A BDX33B BDX33C BDX33D MIN 45 60 80 100 120 0.5 0.5 0.5 0.5 0.5 10 10 10 10 10 1 1 1 1 1 5 5 5 5 5 10 mA mA mA V TYP MAX UNIT
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
2
AUGUST 1993 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BDX33, BDX33A, BDX33B, BDX33C, BDX33D NPN SILICON POWER DARLINGTONS
thermal characteristics
PARAMETER RJC RJA Junction to case thermal resistance Junction to free air thermal resistance MIN TYP MAX 1.78 62.5 UNIT C/W C/W
resistive-load-switching characteristics at 25C case temperature
PARAMETER ton toff
TEST CONDITIONS IC = 3 A VBE(off) = -3.5 V IB(on) = 12 mA RL = 10
MIN IB(off) = -12 mA tp = 20 s, dc 2%
TYP 1 5
MAX
UNIT s s
Turn-on time Turn-off time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
AUGUST 1993 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
3
BDX33, BDX33A, BDX33B, BDX33C, BDX33D NPN SILICON POWER DARLINGTONS
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 50000
TCS130AF
COLLECTOR-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT
2*0 tp = 300 s, duty cycle < 2% IB = IC / 100
TCS130AH
hFE - Typical DC Current Gain
TC = -40C TC = 25C TC = 100C 10000
1*5
1000
1*0
VCE = 3 V tp = 300 s, duty cycle < 2% 100 0*5 1*0 IC - Collector Current - A 10
TC = -40C TC = 25C TC = 100C 0*5 0*5 1*0 IC - Collector Current - A 10
Figure 1.
Figure 2.
BASE-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT
3*0 VBE(sat) - Base-Emitter Saturation Voltage - V TC = -40C TC = 25C TC = 100C
TCS130AJ
2*5
2*0
1*5
1*0 IB = IC / 100 tp = 300 s, duty cycle < 2% 0*5 0*5 1*0 IC - Collector Current - A 10
Figure 3.
4
AUGUST 1993 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BDX33, BDX33A, BDX33B, BDX33C, BDX33D NPN SILICON POWER DARLINGTONS
THERMAL INFORMATION
MAXIMUM POWER DISSIPATION vs CASE TEMPERATURE
80 Ptot - Maximum Power Dissipation - W 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 TC - Case Temperature - C
TIS130AB
Figure 4.
AUGUST 1993 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
5
BDX33, BDX33A, BDX33B, BDX33C, BDX33D NPN SILICON POWER DARLINGTONS
MECHANICAL DATA TO-220 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
TO220 4,70 4,20
o
3,96 3,71
10,4 10,0
2,95 2,54 6,6 6,0 15,90 14,55
1,32 1,23
see Note B
see Note C
6,1 3,5
0,97 0,61 1 2 3
1,70 1,07
14,1 12,7
2,74 2,34 5,28 4,88 2,90 2,40
0,64 0,41
VERSION 1
VERSION 2
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm. MDXXBE
6
AUGUST 1993 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP


▲Up To Search▲   

 
Price & Availability of BDX33C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X